Part Number Hot Search : 
MLL5229B 30170714 RT2724B7 QFP64 C3509 MAX6775 0M10V6 CS5541
Product Description
Full Text Search
 

To Download KK74LS245DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
KK74LS245
Octal 3-State Noninverting Bus Transceiver
These octal bus transceiver are designed for asynchronous two-way communication between data buses. The control function implementation minimized external timing requirements. The device allows data transmission from the A bus to the B bus or from the B bus to the A bus depending upon the logic level at the directional control (DIR) input. The enable input(E) can be used to disable the device so that the buses are effectively isolated. * Bidirectional Bus Transceiver in a High-Density 20-Pin Package * 3-state Outputs Dirve Bus Lines Directly * P-N-P Inputs D-C Loading on Bus Lines * Hysteresis at Bus Inputs Improve Noise Margins * Typical Propagation Delay Times; Port to Port ... 8 ns
ORDERING INFORMATION KK74LS245N Plastic KK74LS245DW SOIC TA = 0 to 70 C for all packages
PIN ASSIGNMENT
LOGIC DIAGRAM
FUNCTION TABLE
Control Inputs Output Enable L Direction L Operation Data Transmitted from Bus B to Bus A Data Transmitted from Bus A to Bus B Buses Isolated (High Impedance State)
PIN 20=VCC PIN 10 = GND
L
H
H
X
X = don't care
1
KK74LS245
MAXIMUM RATINGS*
Symbol VCC VIN VOUT Tstg
*
Parameter Supply Voltage Input Voltage Output Voltage Storage Temperature Range
Value 7.0 7.0 5.5 -65 to +150
Unit V V V C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIH VIL IOH IOL TA Supply Voltage High Level Input Voltage Low Level Input Voltage High Level Output Current Low Level Output Current Ambient Temperature Range 0 Parameter Min 4.75 2.0 0.8 -15 24 +70 Max 5.25 Unit V V V mA mA C
DC ELECTRICAL CHARACTERISTICS over full operating conditions
Guaranteed Limit Symbol VIK VOH Parameter Input Clamp Voltage High Level Output Voltage Test Conditions VCC = min, IIN = -18 mA VCC = min, IOH = -1.0 mA VCC = min, IOH = -3.0 mA VCC = min, IOH = -15 mA VOL VT+ - VTIOZH IOZL IIH Low Level Output Voltage Hysteresis Output Off Current HIGH Output Off Current LOW High Level Input Current VCC = min, IOL = 12 mA VCC = min, IOL = 24 mA VCC = min VCC = max, VOUT = 2.7 V VCC = max, VOUT = 0.4 V VCC = max, VIN = 2.7 V VCC = max, VIN = 5.5 V (A or B) VCC = max, VIN = 7.0 V for Pin1, Pin 19 IIL IO ICC Low Level Input Current Output Short Circuit Current Supply Current Outputs High Outputs Low VCC = max, VIN = 0.4 V VCC = max, VO =0 V (Note 1) VCC = max Outputs open -40 0.2 20 -0.2 20 0.1 0.1 -0.2 -225 70 90 mA mA mA 2.7 2.4 2.0 0.4 0.5 V A mA A mA V Min Max -1.5 Unit V V
All outputs disable 95 Note 1: Not more thanone output should be shorted at a time, and duration of the short-circuit should not exceed one second.
2
KK74LS245
AC ELECTRICAL CHARACTERISTICS (TA = 25C, VCC = 5.0 V, tr = 15 ns,,
tf = 6.0 ns) Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ Parameter Propagation Delay Time, Low-to-High Level Output (from A or B to Output) Propagation Delay Time, High-to-Low Level Output (from A or B to Output) Output Enable Time to High Level (from OE to Output) Output Enable Time to Low Level (from OE to Output) Output Disable Time from High Level (from OE to Output) Output Disable Time from Low Level (from OE to Output) CL = 5 pF RL = 667 25 ns CL = 45 pF, RL = 667 Test Condition Min Max 12 12 40 40 25 Unit ns ns ns ns ns
tPZL - S1 closed, S2 opened tPZH- S1 opened, S2 closed tPLZ, tPHZ - S1 and S2 closed Figure 1. Switching Waveforms (See Figure 3) Figure 2. Switching Waveforms (See Figure 4)
NOTES A. CL includes probe and jig capacitance. B. All diodes are 1N916 or 1N3064. Figure 3. Test Circuit
NOTES A. CL includes probe and jig capacitance. B. All diodes are 1N916 or 1N3064. Figure 4. Test Circuit
3
KK74LS245
EXPANDED LOGIC DIAGRAM
4
KK74LS245
N SUFFIX PLASTIC DIP (MS - 001AD)
A
Dimension, mm
20 11 B 1 10
Symbol A B C
MIN 24.89 6.1
MAX 26.92 7.11 5.33
F
L
D F
0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38
0.56 1.78
C -T- SEATING
PLANE
G H
H J
N G D 0.25 (0.010) M T K M
J K L M N
10 3.81 8.26 0.36
NOTES:
1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 013AC)
A 20 11
Dimension, mm Symbol MIN 12.6 7.4 2.35 0.33 0.4 1.27 9.53 0 0.1 0.23 10 0.25 8 0.3 0.32 10.65 0.75 MAX 13 7.6 2.65 0.51 1.27
H
B
P
A B
1
G
10 C R x 45
C D F
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
G H J K M P R
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
5


▲Up To Search▲   

 
Price & Availability of KK74LS245DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X